PART |
Description |
Maker |
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVCH32245A 74LVCH32245A_DS_31737 IDT74LVCH322 |
Adjustable Precision Shunt Regulator 6-SC70 -40 to 85 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 32-Bit Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74LVC162245 IDT74LVC162245A IDT74LVC162245APA I |
IC LOGIC 162245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND TOLERANT I/O 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCHR162269APA8 IDT74ALVCHR162269APV IDT74AL |
3.3V CMOS 12-Bit to 24-Bit Registered Bus Exchanger with 3-State Outputs and Bus-Hold
|
IDT
|
IDT74LVCH16260APA IDT74LVCH16260APF IDT74LVCH16260 |
3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD LVC/LCX/Z SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74ALVCH16601 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74H16501PA IDT74H16501PV IDT74ALVCH16501 IDT74A |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT Integrated Device Technology
|
IDT74H16501PA |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
Integrated Device Technology, Inc.
|
IDT74ALVCH162836 |
3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
74LVCH16245APA |
IC LOGIC 16245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-48 39/TUBE LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
Integrated Device Technology, Inc.
|